Part Number Hot Search : 
T82A6 T74LV B1185 BD9G101G IVRC059X XTV12750 2SC3930 TGT20
Product Description
Full Text Search
 

To Download E2AD1205NX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES
Remote ON/OFF Option (Rectangle Package)
FEATURES
! ! ! ! ! 5.0 to 6.0 Watt Isolated Output 2:1 Wide Input Range High Conversion Efficiency Continuous Short Circuit Protection Remote ON/OFF Option *
INPUT SPECIFICATIONS
! Voltage ....................................12, 24, 48 Vdc ! Voltage Range .........9-18, 18-36 & 36-72Vdc ! Input Filter ........................................... Pi Type
GENERAL SPECIFICATIONS
! ! ! ! Efficiency ........................................ Per Table Switching Frequency ............... 100KHz Min. Isolation Voltage: .................... 500 Vdc Min. Operating Temperature ........ -25 to +75OC Derate Linearly to no load @ 100OC max. ! Case Material: 500Vdc.......Non-Conductive Black Plastic 1.5kVdc & 3kVdc.....Black coated copper with non-conductive base ! EMI/RFI...................... Conductive EMI meet EN55022 Class B PACKAGE PHYSICAL DIMENSIONS DIMENSIONS IN inches (mm)
OUTPUT SPECIFICATIONS
Voltage ........................................... Per Table Initial Voltage Accuracy ................ 2% Max Voltage Stability ......................... 0.05% max Ripple&Noise ..3.3&5/12&15...100/150mV p-p Load Regulation (10 to 100% Load) Single Output Units: 0.5% Dual Output Units: 1.0% ! Line Regulation ........................... 0.5% typ. ! Temp Coefficient ...................... 0.05% /OC ! Short Circuit Protection ........... Continuous ! ! ! ! !
PIN ASSIGNMENTS REMOTE ON/OFF CONTROL Logic Ec-On Ec-Off Shutdown Idle Current Input Resistance Control Common CMOS or Open Collector TTL >+5.5VDC or Open Circuit <1.8VDC 10mA 100K Ohm Referenced to Input Minus
P PDCx06xxxx YYWW M
1.25 (31.8) .50 (12.7)
500VDC PIN # 1 2 3 5 9 10 11 12 13 14 15 16 22 23 24 SINGLE OUTPUT + INPUT NC NC NP NP -OUTPUT +OUTPUT -INPUT -INPUT +OUTPUT -OUTPUT NP NC NC +INPUT DUAL OUTPUTS +INPUT -OUTPUT COMMON NP NP COMMON +OUTPUT -INPUT -INPUT +OUTPUT COMMON NP COMMON -OUTPUT +INPUT PIN # 1 2 3 5 9 10 11 12 13 14 15 16 22 23 24
1500VDC & 3000VDC DUAL SINGLE OUTPUT OUTPUTS NP -INPUT -INPUT NP NC NC NC NP NP +OUTPUT NC -OUTPUT +INPUT +INPUT NP NP -INPUT -INPUT R(ON/OFF) COMMON NC -OUTPUT NP NP +OUTPUT NC COMMON +INPUT +INPUT NP
.20 (5.1)
123 5
.10 (2.5)
9 10 11 12
.15 (3.8) .08 (2.0)
.60 .80 (15.24) (20.3)
24 23 22
16 15 14 13
Note: Pin size is 0.02" Inch (0.5mm) DIA or 0.02x0.014 Inch Specifications subject to change without notice.
*NP-NO PIN *NC-NO CONNECTION WITH PIN
PDCx0603x 02/01
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630 * TEL: (949) 452-0511 * FAX: (949) 452-0512 * http://www.premiermag.com
1
5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES
Remote ON/OFF Option (Rectangle Package)
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE -25OC TO +75OC
PART NUMBER
(Note #1)
INPUT VOLTAGE Premier Magnetics Old Part # NOMINAL RANGE (Note #2)
OUTPUT OUTPUT VOLTAGE CURRENT (Vdc) (mAdc)
INPUT CURRENT TYPICAL NO LOAD FULL LOAD EFFICIENCY mA mA
PDCS06031 PDCS06032 PDCS06033 PDCS06034 PDCD06032 PDCD06033 PDCD06034 PDCS06041 PDCS06042 PDCS06043 PDCS06044 PDCD06042 PDCD06043 PDCD06044 PDCS06051 PDCS06052 PDCS06053 PDCS06054 PDCD06052 PDCD06053 PDCD06054
E2AS1203NX E2AS1205NX E2AS1212NX E2AS1215NX E2AD1205NX E2AD1212NX E2AD1215NX E2AS2403NX E2AS2405NX E2AS2412NX E2AS2415NX E2AD2405NX E2AD2412NX E2AD2415NX E2AS4803NX E2AS4805NX E2AS4812NX E2AS4815NX E2AD4805NX E2AD4812NX E2AD4815NX
12 12 12 12 12 12 12 24 24 24 24 24 24 24 48 48 48 48 48 48 48
9-18 9-18 9-18 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 18-36 18-36 18-36 36-72 36-72 36-72 36-72 36-72 36-72 36-72
3.3 5 12 15 5 12 15 3.3 5 12 15 5 12 15 3.3 5 12 15 5 12 15
1000 1000 470 400 500 230 190 1000 1000 470 400 500 230 190 1000 1000 470 400 500 230 190
7.5 7.5 7.5 7.5 12 12 12 5 5 5 5 7.5 7.5 7.5 2 2 2 2 3 3 3
405 545 585 625 545 575 590 195 265 285 305 265 285 295 98 133 145 154 265 142 147
68 % 76 % 80 % 80 % 76 % 80 % 80 % 70 % 78 % 82 % 82 % 78 % 81 % 81 % 70 % 78 % 81 % 81 % 78 % 81 % 81 %
NOTE #1: PDCx06xxx_ : FOR STANDARD PART WITH ISOLATION = 500VDC PDCx06xxxK : ADD "K" FOR PART WITH ISOLATION = 1500VDC PDCx06xxxQ : ADD "Q" FOR PART WITH ISOLATION = 3000VDC PDCx06xxxR : ADD "R" FOR PART WITH ISOLATION = 3000VDC AND REMOTE ON/OFF
NOTE #2: (FOR PREMIER MAGNETICS OLD PART #) E2AXXXXXNX : FOR STANDARD PART WITH ISOLATION = 500VDC E2AXXXXXNM : FOR PART WITH ISOLATION = 1500VDC E2AXXXXXNT : FOR PART WITH ISOLATION = 3000VDC E2AXXXXXTR : FOR PART WITH ISOLATION = 3000VDC AND REMOTE ON/OFF
Specifications subject to change without notice.
PDCx0603x 01/01
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630 * TEL: (949) 452-0511 * FAX: (949) 452-0512 * http://www.premiermag.com
2


▲Up To Search▲   

 
Price & Availability of E2AD1205NX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X